Part Number Hot Search : 
TS431ACY 1N5232 C3851 N3906 C3851 2PD1820A TNA086AE HCT2G0
Product Description
Full Text Search
 

To Download P510-010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications vga monitor extension cable, 640x480 (hd15 m/f), 10-ft. model number: P510-010 description tripp lite's vga monitor extension cable will extend the reach of a monitor cable by an additional 10ft. gold plated connectors and gold plated copper contacts ensure excellent conductivity. shielded for maximum emi/rfi protection. thehd15 male and hd15 female connectors are molded and have integral strain relief to ensure they last a long time. note: for use with monitors with resolutions up to 640x480 ( vga std ). for higher resolution monitors, please use p500-010. features superior molded cables with foil-shielding for maximum emi/rfi protection l gold plated connectors and gold plated copper contacts ensure excellent conductivity l hd15 male to hd15 female molded connectors l highlights superior molded cables with foil- shielding for maximum emi/rfi protection l system requirements monitor with hd15 cable and resolutions up to 640x480. l package includes 10-ft. vga monitor extension hd15f to hd15m gold connectors l overview upc code 037332012340 input cable length (ft.) 10 cable length (m) 3.1 physical shipping dimensions (hwd / in.) 8.50 x 6.90 x 0.50 shipping dimensions (hwd / cm) 21.59 x 17.53 x 1.27 1 / 2
? 2019 tripp lite. all rights reserved. all product and company names are trademarks or registered trademarks of their respective holders. use of them does not imply any affiliation with or endorsement by them. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. tripp lite uses primary and third-party agencies to test its products for compliance with standards. see a list of tripp lite's testing agencies: https://www.tripplite.com/products/product-certification-agencies shipping weight (lbs.) 0.44 shipping weight (kg) 0.20 color black connections side a - connector 1 hd15 (male) side b - connector 1 hd15 (female) features & specifications technology vga/svga warranty product warranty period (worldwide) lifetime limited warranty 2 / 2


▲Up To Search▲   

 
Price & Availability of P510-010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X